PART |
Description |
Maker |
M74HC123B1 M74HC123A M74HC123 M74HC123AB1R M74HC12 |
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR Zener Diode; Zener Voltage Typ, Vz:110V; Zener Voltage Min, Vz:110V; Vz Test Current, Izt:2.3mA; Power Dissipation, Pd:1mW; Package/Case:DO-41; Breakdown Voltage Max:1V; Mounting Type:Through Hole; Terminal Type:Axial Leaded
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导
|
M74HC323 M74HC323B1R M74HC323C1R M74HC323F1R M74HC |
HC323 8 BIT PIPOSHIFT REGISTER WITH SYNCHRONOUS CLEAR HC299 8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR CLEAR HC299 /HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS HC323 8BITPIPOSHIFTREGISTERWITHSYNCHRONOUS CLEAR HC299 8BITPIPOSHIFTREGISTERWITHASYNCHRONOUS CLEAR HC299 8 BIT PIPO SHIFT REGISTER WITH ASYNCHRONOUS CLEAR HC323 8 BIT PIPOSHIFT REGISTER WITHSYNCHRONOUS CLEAR 12-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Q temp available 8-SOIC -40 to 125
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
2700118 |
LED random flashing beacon element, 24 V DC
|
PHOENIX CONTACT
|
2700103 |
Flashing beacon element, 24 V DC, yellow, Xenon flash tube
|
PHOENIX CONTACT
|
LAC876-P2Q2-1 LAC876-Q2S1-1 LSC876-N2P2-1 LOC876-Q |
SINGLE COLOR LED, ORANGE SMT, 2 PIN Mini SIDELED, yellow, colorless clear Mini SIDELED, orange, colorless clear Mini SIDELED, super-red, colorless clear Mini SIDELED, amber, colorless clear
|
Infineon Technologies AG
|
56102399 |
SOLDERING IRON 200W 110V 烙铁功率200W 110伏特
|
Mospec Semiconductor, Corp.
|
V110B12E200BF V110B12E200BL V110B12E200BN V110B12E |
110V Input Mini Family DC-DC Converter Module
|
Vicor Corporation
|
MV6300A HLMP-6305A HLMP-Q105A HLMP-Q155A HLMP-6405 |
T-1 3/4 Double Heterojunction AlGaAs High Intensity Red LED Lamp AlGaAs Red Clear Solid State LED Lamp Subminiature T-1 3/4 (1.9 mm) Yellow Water Clear Subminiature T-3/4 LED High Efficiency Red Clear Lens T-1 3/4 Solid State Lamp Green Water Clear Subminiature T-3/4 LED High Efficiency Red Rectangular Solid State Lamp Yellow High Contrast T-1 3/4 Solid State Lamp SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS T-3/4 SINGLE COLOR LED, HIGH EFFICIENCY RED, 1.75 mm (MV6x00A) SUBMINIATURE T-3/4 LED DIFFUSED and CLEAR LAMPS SUBMINATURET-3/4 LED DIFFUSED AND CLEAR LAMPS
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation http:// Everlight Electronics C...
|
MCF51EM2561 MCF51EM256 |
MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
|
Freescale Semiconductor, Inc
|
LT3795 LT3795-15 |
110V LED Controller with Spread Spectrum Frequency Modulation
|
Linear Technology
|
TLHE4900 |
High Intensity LED in 3 mm Clear Packagenull From old datasheet system High Intensity LED in 3 mm Clear Package
|
Vishay Telefunken Vishay Siliconix
|
ISL6293 ISL6293-2CR-T ISL6293-2CR ISL6293-2CRZ ISL |
Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset 14-SOIC -40 to 85 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset 14-PDIP -40 to 85 Dual Positive-Edge-Triggered D-Type Flip-Flops With Clear and Preset 14-SO -40 to 85 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO10 Li-ion/Li Polymer Battery Charger Accepting Two Power Sources
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|